Part Number Hot Search : 
P1200 RBV604G EWS1212 62CTQ030 9435G BL24C256 99800 P1200
Product Description
Full Text Search
 

To Download MIC22600YML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC22600
1MHz, 6A Integrated Switch Synchronous Buck Regulator
General Description
The Micrel MIC22600 is a high efficiency 6A Integrated switch synchronous buck (step-down) regulator. The MIC22600 is optimized for highest efficiency and achieves more than 90% efficiency, while still switching at 1MHz over a broad load range with only 1H inductor and down to 47F output capacitor. The ultra-high speed control loop keeps the output voltage within regulation even under extreme transient load swings commonly found in FPGAs and low voltage ASICs. The output voltage can be adjusted down to 0.7V to address all low voltage power needs. The MIC22600 offers a full range of sequencing and tracking options. The EN/DLY pin combined with the Power Good/POR pin allows multiple outputs to be sequenced in any way during turn-on and turn-off. The RC (Ramp ControlTM) pin allows the device to be connected to another product in the MIC22xxx and/or MIC68xxx family, to keep the output voltages within a certain V on start up. The MIC22600 is available in a 24-pin 4mm x 4mm MLF(R) and thermally enhanced 24-pin E-Pad TSSOP with a junction operating range from -40C to +125C. Data sheets and support documentation can be found on Micrel's web site at: www.micrel.com.
Features
* * * * * * * * * * * * * * Input voltage range: 2.6V to 5.5V Output voltage adjustable down to 0.7V Output current up to 6A Full sequencing and tracking ability Power on Reset/Power Good Efficiency > 90% across a broad load range Ultra fast transient response, easy RC compensation 100% maximum duty cycle Fully integrated MOSFET switches Micropower shutdown Thermal shutdown and current limit protection 24-pin 4mm x 4mm MLF(R) 24-pin E-Pad TSSOP -40C to +125C junction temperature range
Applications
* * * * * * High power density point of load conversion Servers and routers DVD recorders Computing peripherals Base stations FPGAs, DSP and low voltage ASIC power
Typical Application
Efficiency V O - 3.3V
100 95 90 85 80 75 70 65 60 55 50 0
VIN - 5V 1 2 3 4 5 6 OUTPUT CURRENT (A) 7
MIC22600 6A 1MHz Synchronous Output Converter
Sequencing & Tracking
Ramp Control is a trademark of Micrel, Inc. MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc. Micrel Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel +1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
October 2009
M9999-102809-C
Micrel, Inc.
MIC22600
Ordering Information
Part Number MIC22600YML MIC22600YTSE
(R)
Voltage Adj. Adj.
Junction Temp. Range -40 to +125C -40 to +125C
Package 24-Pin 4x4 MLF
(R)
Lead Finish Pb-Free Pb-Free
24-pin E-Pad TSSOP
Note: MLF is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
PGND PGND PVIN SVIN EP SGND COMP FB PVIN SW SW SW PGND SW PGND SW SW SW SW
PVIN EN/DLY DELAY RC POR/PG PVIN
24-Pin 4mm x 4mm MLF (ML)
24-pin E-Pad TSSOP
October 2009
2
M9999-102809-C
Micrel, Inc.
MIC22600
Pin Description
Pin Number MLF-24 1, 6, 13, 18 17 2 Pin Number TSSOP-24 3, 10, 15, 22 2 11 PVIN SVIN EN/DLY Power Supply Voltage (Input): Requires bypass capacitor to GND. Signal Power Supply Voltage (Input): Requires bypass capacitor to GND. EN/DLY (Input): When this pin is pulled higher than the enable threshold, the part will start up. Below this voltage the device is in its low quiescent current mode. The pin has a 1A current source charging it to VIN. By adding a capacitor to this pin a delay may easily be generated. The enable function will not operate with an input voltage lower than the min specified voltage. Ramp Control: Capacitor to ground from this pin determines slew rate of output voltage during start-up. This can be used for tracking capability as well as soft start. RC pin cannot be left floating. Use a minimum capacitor value of 220pF or larger. Feedback: Input to the error amplifier, connect to the external resistor divider network to set the output voltage. Compensation pin (Input): Place a RC network to GND to compensate the device, see applications section. Power On Reset (Output): Open-drain output device indicates when the output is out of regulation and is active after the delay set by the DELAY pin. Power Ground (Signal): Ground Signal Ground (Signal): Ground DELAY (Input): Capacitor to ground sets internal delay timer. Timer delays poweron reset (POR) output at turn-on and ramp down at turn-off. Switch (Output): Internal power MOSFET output switches. Exposed Pad (Power): Must make a full connection to a GND plane for full output power to be realized. Pin Name Description
4
13
RC
14 15 5 7, 12, 19, 24 16 3 8, 9, 10, 11, 20, 21, 22, 23 EP
23 24 14 4, 9, 16, 21 1 12 5, 6, 7, 8, 17, 18 19, 20 EP
FB COMP POR/PG PGND SGND DELAY SW GND
October 2009
3
M9999-102809-C
Micrel, Inc.
MIC22600
Absolute Maximum Ratings(1)
Supply Voltage (PVIN, SVIN)............................ -0.3V to 6V Output Switch Voltage (SW) ............................. -0.3V to 6V Output Switch Current (ISW).......................Internally Limited Logic Input Voltage (EN, POR, DELAY) ........... -0.3V to VIN Control Voltage (RC, COMP, FB) ..................... -0.3V to VIN Lead Temperature (soldering 10sec.)........................ 260C Storage Temperature (Ts) .........................-65C to +150C ESD Rating(3) .................................................................. 2kV
Operating Ratings(2)
Supply Voltage (VIN)......................................... 2.6V to 5.5V Junction Temperature (TJ) ..................-40C TJ +125C Thermal Resistance 4x4 MLF-24 (JC) ...............................................14C/W 4x4 MLF-24 (JA) ...............................................40C/W 24-pin E-Pad TSSOP (JC) .............................12.9C/W 24-pin E-Pad TSSOP (JA) .............................32.2C/W
Electrical Characteristics(4)
TA = 25C with VIN = VEN = 3.3V; VOUT = 1.8V, unless otherwise specified. Bold values indicate -40C< TJ < +125C.
Parameter Supply Voltage Range VIN Turn-On Voltage Threshold UVLO Hysteresis Quiescent Current, PWM Mode Shutdown Current Feedback Voltage FB Pin Input Current Current Limit in PWM Mode Output Voltage Line Regulation Output Voltage Load Regulation Maximum Duty Cycle Switch ON-Resistance PFET Switch ON-Resistance NFET Oscillator Frequency EN/DLY Threshold Voltage EN/DLY Source Current RC Pin IRAMP Power On Reset IPG(LEAK) Power On Reset VPG(LO) Power On Reset VPG Over-Temperature Shutdown Over-Temperature Shutdown Hysteresis
Notes: 1. Exceeding the absolute maximum rating may damage the device. 2. The device is not guaranteed to function outside its operating rating. 3. Devices are ESD sensitive. Handling precautions recommended. 4. Specification for packaged product only.
Condition VIN rising VEN 1.34V; VFB = 0.9V (not switching) VEN = 0V 1% 2% (over temperature) VFB = 0.5*VNOM VOUT 1.8V, VIN = 2.6 to 5.5V, ILOAD= 100mA 100mA < ILOAD < 6000mA, VIN = 3.3V VFB 0.5V ISW = 1000mA; VFB=0.5V ISW = 1000mA; VFB=0.9V
Min 2.6 2.4
Typ 2.5 280 850 5 0.7 1 9 0.2 0.2 0.03 0.025 1 1.24 1 1
Max 5.5 2.6 1300 10 0.707 0.714 100 11.5
Units V V mV A A V V nA A % % % MHz V A A A A mV
0.693 0.686 6.5
100
VIN = 2.6 to VIN = 5.5V Ramp Control Current VPORH = 5.5V; POR = High Output Logic-Low Voltage (undervoltage condition), IPOR = 5mA Threshold, % of VOUT below nominal Hysteresis
0.8 1.14 0.7 0.7
1.2 1.34 1.3 1.3 1 2
130 7.5 10 2 160 20 12.5
% % C C
October 2009
4
M9999-102809-C
Micrel, Inc.
MIC22600
Typical Characteristics
10 8 6 4 2 0 0 25C
Shutdown Current vs. Input Voltage
10 8 6 4 2 0
Shutdown Current vs. Temperature
1.2 1.0 0.8 0.6 0.4 0.2
Operating Current vs. Input Voltage
25C
VIN = 3.3V TEMPERATURE (C)
1
2 3 4 5 INPUT VOLTAGE (V)
6
0 2
Not switching FB = 1V 3 4 5 6 INPUT VOLTAGE (V)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
Operating Current vs. Temperature
0.710 0.708 0.706 0.704 0.702 0.700 0.698 0.696 0.694 0.692 0.690 2
Reference Voltage vs. Input Voltage
0.710 0.708 0.706 0.704
Reference Voltage vs. Temperature
25C
0.702 0.700 0.698 0.696 0.694 0.692 0.690 VIN = 3.3V TEMPERATURE (C)
VIN = 3.3V Not switching FB = 1V TEMPERATURE (C)
3 4 5 INPUT VOLTAGE (V)
6
1.30
Enable Voltage vs. Input Voltage
1.30
Enable Voltage vs. Temperature
24 20
Enable Hystersis vs. Temperature
1.25
1.25
16
1.20
25C
1.20
12 8
VIN - 3V
1.15
1.15
4 VIN - 5V
1.10 2
3 4 5 INPUT VOLTAGE (V)
6
1.10 TEMPERATURE (C)
0 TEMPERATURE (C)
1100 1080 1060 1040 1020 1000 980 960 940 920 900
Frequency vs. Temperature
50 45 40 35 30 25 20 15 10 5 0 2
P-Channel RDSON vs. Input Voltage
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
Output Voltage vs. Ramp Control Voltage
VIN - 5V
90C
VIN - 2.5V
2.5
TEMPERATURE (C)
3 3.5 4 4.5 5 INPUT VOLTAGE (V)
5.5
0.2 0 0
0.2 0.4 0.6 0.8 1.0 1.2 RAMP CONTROL VOLTAGE (V)
October 2009
5
M9999-102809-C
Micrel, Inc.
MIC22600
Typical Characteristics (continued)
Efficiency V O - 1.2V
100 95 VIN - 3.6V VIN - 2.5V 90 85 80 75 70 65 60 55 50 0 1 2 3 4 5 6 OUTPUT CURRENT (A) 7
Efficiency V O - 1.8V
100 VIN - 3.6V 95 VIN - 2.5V 90 85 80 75 70 65 60 55 50 0 1 2 3 4 5 6 OUTPUT CURRENT (A) 7 VIN - 5V
100 95 90 85 80 75 70 65 60 55 50 0
Efficiency VO - 3.3V
VIN - 5V
VIN - 5V 1 2 3 4 5 6 OUTPUT CURRENT (A) 7
50 40 30 20 10 0 -10 -20 -30 -40 -50 1
Bode Plot (VIN - 3.3V, VO - 1.8V)
180 144 108 72 36 0 -36 -72 -108 -144 -180 1000
50 40 30 20 10 0 -10 -20 -30 -40 -50 1
Bode Plot (VIN - 5V, VO - 1.8V)
180 144 108 72 36 -36 -72 -108 -144 -180 1000
50 40 30 20 10 0 -10 -20 -30 -40 -50 1
Bode Plot (VIN - 5V, VO - 3.3V)
180 144 108 72 36 -36 -72 -108 -144 -180 1000
Gain 6A Phase 6A 10 100 FREQUENCY (kHz)
Gain 6A Phase 6A 10 100 FREQUENCY (kHz)
Gain 6A Phase 6A 10 100 FREQUENCY (kHz)
October 2009
6
M9999-102809-C
Micrel, Inc.
MIC22600
Functional Characteristics
ENABLE VOLTAGE (2mV/div)
Start-Up/Shutdown (CRC = 10nF)
OUTPUT CURRENT OUTPUT VOLTAGE (50mV/div) (2A/div)
Transient Response
RAMP CONTROL VOLTAGE (500mV/div) OUTPUT VOLTAGE (1V/div)
OUTPUT CURRENT (2A/div)
INPUT VOLTAGE (500mV/div)
VIN = 3V VO = 1.8V RO Time (2ms/div)
VIN = 3V VO = 1.8V IO = 0.6A to 6A Time (200s/div)
Transient Response
OUTPUT VOLTAGE (50mV/div)
OUTPUT VOLTAGE (10mV/div)
High DC Operation
INPUT VOLTAGE (1V/div)
OUTPUT CURRENT (2A/div)
VIN = 5V VO = 1.8V IO = 0.6A to 6A Time (200s/div)
SWITCH VOLTAGE (2V/div)
VIN = 5V IO = 1A Time (200ns/div)
RAMP CONTROL VOLTAGE (500mV/div)
OUTPUT VOLTAGE (10mV/div)
SWITCH VOLTAGE (2V/div)
VIN = 5V VO = 3.3V IO = 6A Time (400ns/div)
OUTPUT VOLTAGE (500mV/div)
OUTPUT CURRENT (2A/div)
ENABLE VOLTAGE (1V/div)
Output Noise & Ripple
Start-Up (CRC = 0nF)
VIN = 3V VO = 1V IO = 6A Time (20s/div)
October 2009
7
M9999-102809-C
Micrel, Inc.
MIC22600
Functional Characteristics (continued)
ENABLE VOLTAGE (2V/div)
Start-Up into Short
Current Limit Behavior
OUTPUT VOLTAGE (100mV/div)
INPUT VOLTAGE (500mV/div)
OUTPUT CURRENT OUTPUT VOLTAGE (2A/div) (500mV/div)
INPUT CURRENT (2A/div)
SWITCH VOLTAGE (2V/div)
VIN = 3V Time (20s/div)
VIN = 3V VO = 1.8V IOSET = 12A Time (200s/div)
October 2009
8
M9999-102809-C
Micrel, Inc.
MIC22600
Typical Circuits and Waveforms
Sequencing Circuit and Waveform
Tracking Circuit and Waveform
October 2009
9
M9999-102809-C
Micrel, Inc.
MIC22600
Functional Diagram
Figure 1. MIC22600 Block Diagram
October 2009
10
M9999-102809-C
Micrel, Inc.
MIC22600
Functional Description
PVIN, SVIN PVIN is the input supply to the internal 30m P-Channel Power MOSFET. This should be connected externally to the SVIN pin. The supply voltage range is from 2.6V to 5.5V. A 10F ceramic is recommended for bypassing each PVIN supply. EN/DLY This pin is internally fed with a 1A current source from VIN. A delayed turn on is implemented by adding a capacitor to this pin. The delay is proportional to the capacitor value. The internal circuits are held off until EN/DLY reaches the enable threshold of 1.24V. RC RC allows the slew rate of the output voltage to be programmed by the addition of a capacitor from RC to ground. RC is internally fed with a 1A current source and VOUT slew rate is proportional to the capacitor and the 1A source. RC pin cannot be left floating. Use a minimum capacitor value of 220pF or larger. DELAY Adding a capacitor to this pin allows the delay of the POR signal. When VOUT reaches 90% of its nominal voltage, the DELAY pin current source (1A) starts to charge the external capacitor. At 1.24V, POR is asserted high. COMP The MIC22600 uses an internal compensation network containing a fixed frequency zero (phase lead response) and pole (phase lag response) which allows the external compensation network to be much simplified for stability. The addition of a single capacitor and resistor will add the necessary pole and zero for voltage mode loop stability using low value, low ESR ceramic capacitors. FB The feedback pin provides the control path to control the output. A resistor divider connecting the feedback to the output is used to adjust the desired output voltage. Refer to the feedback section in the "Applications Information" for more detail. POR This is an open drain output. A 47k resistor can be used for a pull up to this pin. POR is asserted high when output voltage reaches 90% of nominal set voltage and after the delay set by CDELAY. POR is asserted low without delay when enable is set low or when the output goes below the -10% threshold. For a Power Good (PG) function, the delay can be set to a minimum. This can be done by removing the DELAY capacitor. SW This is the connection to the source of the internal PChannel MOSFET and drain of the N-Channel MOSFET. This is a high frequency high power connection; therefore traces should be kept as short and as wide as practical. SGND Internal signal ground for all low power sections. PGND Internal ground connection to the source of the internal N-Channel MOSFETs.
October 2009
11
M9999-102809-C
Micrel, Inc.
MIC22600 The size requirements refer to the area and height requirements that are necessary to fit a particular design. Please refer to the inductor dimensions on their datasheet. DCR is inversely proportional to size and can represent a significant efficiency loss. Refer to the "Efficiency Considerations" below for a more detailed description. EN/DLY Capacitor EN/DLY sources 1A out of the IC to allow a startup delay to be implemented. The delay time is simply the time it takes 1A to charge CDLY to 1.25V. Therefore:
TDLY = 1.24 C DLY 1.10 - 6
Application Information
The MIC22600 is a 6A Synchronous step down regulator IC with a fixed 1 MHz, voltage mode PWM control scheme. The other features include tracking and sequencing control for controlling multiple output power systems, power on reset.
Component Selection
Input Capacitor A minimum 10F ceramic is recommended on each of the PVIN pins for bypassing. X5R or X7R dielectrics are recommended for the input capacitor. Y5V dielectrics is not recommended. Output Capacitor The MIC22600 was designed specifically for the use of ceramic output capacitors and 22F is optimum output capacitor. 22F can be increased to 100F to improve transient performance. Since the MIC22600 is in voltage mode, the control loop relies on the inductor and output capacitor for compensation. For this reason, do not use excessively large output capacitors. The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric capacitors, aside from the undesirable effect of their wide variation in capacitance over temperature, become resistive at high frequencies. Using Y5V or Z5U capacitors can cause instability in the MIC22600. Inductor Selection Inductor selection is determined by the following (not necessarily in the order of importance): * * * Inductance Rated current value Size requirements
Efficiency Considerations Efficiency is defined as the amount of useful output power, divided by the amount of power consumed.
V xI Efficiency % = OUT OUT V xI IN IN x 100
* DC resistance (DCR) The MIC22600 is designed to use a 0.47H to 4.7H inductor. Maximum current ratings of the inductor are generally given in two methods: permissible DC current and saturation current. Permissible DC current can be rated either for a 40C temperature rise or a 10% loss in inductance. Ensure the inductor selected can handle the maximum operating current. When saturation current is specified, make sure that there is enough margin that the peak current will not saturate the inductor. The ripple can add as much as 1.2A to the output current level. The RMS rating should be chosen to be equal or greater than the Current Limit of the MIC22600 to prevent overheating in a fault condition. For best electrical performance, the inductor should be placed very close to the SW nodes of the IC. It is important to test all operating limits before settling on the final inductor choice. October 2009 12
Maintaining high efficiency serves two purposes. It decreases power dissipation in the power supply, reducing the need for heat sinks and thermal design considerations and it decreases consumption of current for battery powered applications. Reduced current drawn from a battery increases the devices operating time, particularly in hand held devices. There are mainly two loss terms in switching converters: conduction losses and switching losses. Conduction losses are simply the power losses due to VI or I2R. For example, power is dissipated in the high side switch during the on cycle. The power loss is equal to the high side MOSFET RDS(ON) multiplied by the RMS Switch Current squared (ISW2). During the off cycle, the low side N-Channel MOSFET conducts, also dissipating power. Similarly, the inductor's DCR and capacitor's ESR also contribute to the I2R losses. Device operating current also reduces efficiency by the product of the quiescent (operating) current and the supply voltage. The power consumed at 1MHz frequency and power loss due to switching transitions add up to switching losses.
M9999-102809-C
Micrel, Inc. Figure 2 shows an efficiency curve. The portion, from 0A to 1A, efficiency losses are dominated by quiescent current losses, gate drive and transition losses. In this case, lower supply voltages yield greater efficiency in that they require less current to drive the MOSFETs and have reduced input power consumption.
Efficiency 3V - 1.8V
95 90 85 80 75 70 65 60 55 50 0 1 2 3 4 5 6 OUTPUT CURRENT (A) 7
MIC22600 Efficiency loss due to DCR is minimal at light loads and gains significance as the load is increased. Inductor selection becomes a trade-off between efficiency and size in this case. Alternatively, under lighter loads, the ripple current becomes a significant factor. When light load efficiencies become more critical, a larger inductor value maybe desired. Larger inductance reduces the peak-to-peak inductor ripple current, which minimize losses. The graph above in Figure 3 illustrates the effects of inductance value at light load. Compensation The MIC22600 has a combination of internal and external stability compensation to simplify the circuit for small, high efficiency designs. In such designs, voltage mode conversion is often the optimum solution. Voltage mode is achieved by creating an internal 1MHz ramp signal and using the output of the error amplifier to modulate the pulse width of the switch node, thereby maintaining output voltage regulation. With a typical gain bandwidth of 100-200kHz, the MIC22600 is capable of extremely fast transient responses. The MIC22600 is designed to be stable with a typical application using a 1H inductor and a 47F ceramic (X5R) output capacitor. These values can be varied dependant upon the tradeoff between size, cost and efficiency, keeping the LC natural frequency 1 ( ) ideally less than 26 kHz to ensure stability
2 L C
Figure 2. Efficiency Curve
The region, 1A to 6A, efficiency loss is dominated by MOSFET RDS(ON) and inductor DC losses. Higher input supply voltages will increase the Gate-to-Source voltage on the internal MOSFETs, reducing the internal RDS(ON). This improves efficiency by decreasing conduction loss in the device but the inductor DCR loss is inherent to the device. So inductor selection becomes increasingly critical in efficiency calculations. As the inductors are reduced in size, the DC resistance (DCR) can become quite significant. The DCR losses can be calculated as follows; LPD = IOUT2 x DCR From that, the loss in efficiency due to inductor resistance can be calculated as follows:
VOUT I OUT Efficiency Loss = 1 - (V OUT I OUT ) + LPD
Efficiency vs. Inductance
x 100
95 90 85 80 75 70 65 60 55 50 0
can be achieved. The minimum recommended inductor value is 0.47H and minimum recommended output capacitor value is 22F. With a larger inductor, there is a reduced peak-to-peak current which yields a greater efficiency at lighter loads. A larger output capacitor will improve transient response by providing a larger hold up reservoir of energy to the output. The integration of one pole-zero pair within the control loop greatly simplifies compensation. The optimum values for CCOMP (in series with a 20k resistor) are shown below.
C L 0.47H 1H 2.2H
L = 1H L = 4.7H
22-47F 0*-10pF 0 -15pF 15-33pF
47F100F 22pF 15-22pF 33-47pF
100F470F 33pF 33pF 100-220pF
* VOUT > 1.2V, VOUT > 1V
200 400 600 800 OUTPUT CURRENT (mA)
Table1. Compensation Capacitor Selection
Figure 3. Efficiency vs. Inductance
October 2009
13
M9999-102809-C
Micrel, Inc. Feedback The MIC22600 provides a feedback pin to adjust the output voltage to the desired level. This pin connects internally to an error amplifier. The error amplifier then compares the voltage at the feedback to the internal 0.7V reference voltage and adjusts the output voltage to maintain regulation. The resistor divider network for a desired VOUT is given by:
R2 = R1 VOUT - 1 V REF
MIC22600 DELAY Pin The DELAY pin also has a 1A trimmed current source and a 1A current sink which acts with an external capacitor to delay the operation of the Power On Reset (POR) output. This can be used also in sequencing outputs in a sequenced system, but with the addition of a conditional delay between supplies; allowing a first up, last down power sequence. After EN is driven high, VOUT will start to rise (rate determined by RC capacitor). As the FB voltage goes above 90% of its nominal set voltage, DELAY begins to rise as the 1A source charges the external capacitor. When the threshold of 1.24V is crossed, POR is asserted high and DELAY continues to charge to a voltage SVIN. When FB falls below 90% of nominal, POR is asserted low immediately. However, if EN is driven low, POR will fall immediately to the low state and DELAY will begin to fall as the external capacitor is discharged by the 1A current sink. When the threshold of ((VTP+1.24V)-1.24V) is crossed (VTP is the internal voltage clamp, VTP-=0.9V), VOUT will begin to fall at a rate determined by the RC capacitor. As the voltage change in both cases is 1.24V, both rising and falling delays are 1.24 C DLY matched at TPOR = 1.10 - 6 RC pin The RC pin provides a trimmed 1A current source/sink similar to the DELAY Pin for accurate ramp up (soft start) and ramp down control. This allows the MIC22600 to be used in systems requiring voltage tracking or ratiometric voltage tracking at startup. There are two ways of using the RC pin: 1. Externally driven from a voltage source 2. Externally attached capacitor sets output ramp up/down rate In the first case, driving RC with a voltage from 0V to VREF programs the output voltage between 0 and 100% of the nominal set voltage. In the second case, the external capacitor sets the ramp up and ramp down time of the output voltage. The time 0.7 C RC where TRAMP is the time is given by TRAMP = 1.10 -6 from 0 to 100% nominal output voltage. RC pin cannot be left floating. Use a minimum capacitor value of 220pF or larger.
where VREF is 0.7V and VOUT is the desired output voltage. A 10k or lower resistor value from the output to the feedback is recommended since large feedback resistor values increase the impedance at the feedback pin, making the feedback node more susceptible to noise pick-up. A small capacitor (50pF - 100pF) across the lower resistor can reduce noise pick-up by providing a low impedance path to ground. PWM Operation The MIC22600 is a voltage mode, pulse width modulation (PWM) controller. By controlling the duty cycle, a regulated DC output voltage is achieved. As load or supply voltage changes, so does the duty cycle to maintain a constant output voltage. In cases where the input supply runs into a dropout condition, the MIC22600 will run at 100% duty cycle. The MIC22600 provides constant switching at 1MHz with synchronous internal MOSFETs. The internal MOSFETs include a high-side P-Channel MOSFET from the input supply to the switch pin and an N-Channel MOSFET from the switch pin-to-ground. Since the low-side NChannel MOSFET provides the current during the off cycle, a freewheeling Schottky diode from the switch node-to-ground is not required. PWM control provides fixed frequency operation. By maintaining a constant switching frequency, predictable fundamental and harmonic frequencies are achieved. Sequencing and tracking The MIC22600 provides additional pins to provide up/down sequencing and tracking capability for connecting multiple voltage regulators together. EN/DLY pin The EN pin contains a trimmed, 1A current source which can be used with a capacitor to implement a fixed desired delay in some sequenced power systems. The threshold level for power on is 1.24V with a hysteresis of 20mV.
October 2009
14
M9999-102809-C
Micrel, Inc. Sequencing & Tracking examples There are four distinct variations which are easily implemented using the MIC22600. The two sequencing variations are Delayed and Windowed. The two tracking variants are Normal and Ratio Metric. The following diagrams illustrate methods for connecting two MIC22600's to achieve these requirements. Sequencing: Normal Tracking:
MIC22600
Figure 7. Normal Tracking Circuit
Figure 4. Sequencing MIC22600 Circuit
Figure 8. Normal Tracking Example Ratio Metric Tracking:
Figure 5. Window Sequencing Example
Figure 6. Delayed Sequencing Example Figure 9. Ratio Metric Tracking Circuit
October 2009
15
M9999-102809-C
Micrel, Inc.
MIC22600 Current Limit The MIC22600 is protected against overload in two stages. The first is to limit the current in the P-channel switch; the second is over temperature shutdown. Current is limited by measuring the current through the high side MOSFET during its power stroke and immediately switching off the driver when the preset limit is exceeded. The circuit in Figure 4 describes the operation of the current limit circuit. Since the actual RDSON of the PChannel MOSFET varies part-to-part, over temperature and with input voltage, simple IR voltage detection is not employed. Instead, a smaller copy of the Power MOSFET (Reference FET) is fed with a constant current which is a directly proportional to the factory set current limit. This sets the current limit as a current ratio and thus, is not dependant upon the RDSON value. Current limit is set to 9A nominal. Variations in the scale factor K between the Power PFET and the reference PFET used to generate the limit threshold account for a relatively small inaccuracy.
Figure 10. Radio Metric Tracking Example
An alternative method here shows an example of a VDDQ & VTT solution for a DDR memory power supply. Note that POR is taken from Vo1 as POR2 will not go high. This is because POR is set high when FB > 0.9VREF. In this example, FB2 is regulated to 1/2VREF. DDR Memory VDD and VTT Tracking
Figure 13. Current Limit Detail
Figure 11. DDR Memory Tracking Circuit
Thermal Considerations The MIC22600 is packaged in the MLF(R) 4mm x 4mm, a package that has excellent thermal performance equaling that of the larger TSSOP packages. This maximizes heat transfer from the junction to the exposed pad (ePAD) which connects to the ground plane. The size of the ground plane attached to the exposed pad determines the overall thermal resistance from the junction to the ambient air surrounding the printed circuit board. The junction temperature for a given ambient temperature can be calculated using: TJ = TAMB + PDISS * RJA Where * PDISS is the power dissipated within the MLF(R) package and is typically 1.5W at 6A load. This has been calculated for a 1H inductor and details can be found in table 1 below for reference.
M9999-102809-C
Figure 12. DDR Memory Tracking Example October 2009 16
Micrel, Inc. * RJA is a combination of junction to case thermal resistance (RJC) and Case-to-Ambient thermal resistance (RCA), since thermal resistance of the solder connection from the ePAD to the PCB is negligible; RCA is the thermal resistance of the ground plane to ambient, so RJA = RJC + RCA. TAMB is the Operating Ambient temperature.
MIC22600 To calculate the junction temperature for a 50C ambient: TJ = TAMB+PDISS . RJA TJ = 50 + (1.5 x 39) TJ = 109C This is below the maximum of 125C.
VOUT @6A 1 1.2 1.8 2.5 3.3 VIN 3 1.47 1.45 1.46 1.61 - 3.5 1.50 1.47 1.45 1.53 1.70 4 1.52 1.49 1.45 1.49 1.62 4.5 1.54 1.51 1.47 1.47 1.56 5 1.56 1.54 1.48 1.47 1.53
*
Example: The Evaluation board has 2 copper planes contributing to an RJA of approximately 25C/W. The worst case RJC of the MLF 4x4 is 14oC/W. RJA = RJC + RCA RJA = 14 + 25 = 39oC/W
Table 2. Power Dissipation (W) for 6A output
October 2009
17
M9999-102809-C
Micrel, Inc.
MIC22600
Ripple Measurements
To properly measure ripple on either input or output of a switching regulator, a proper ring in tip measurement is required. Standard oscilloscope probes come with a grounding clip, or a long wire with an alligator clip. Unfortunately, for high frequency measurements, this ground clip can pick-up high frequency noise and erroneously inject it into the measured output ripple. The standard evaluation board accommodates a home made version by providing probe points for both the input and output supplies and their respective grounds. This requires the removing of the oscilloscope probe sheath and ground clip from a standard oscilloscope probe and wrapping a non-shielded bus wire around the oscilloscope probe. If there does not happen to be any non-shielded bus wire immediately available, the leads from axial resistors will work. By maintaining the shortest possible ground lengths on the oscilloscope probe, true ripple measurements can be obtained.
October 2009
18
M9999-102809-C
Micrel, Inc.
MIC22600
PCB Layout Guideline
Warning!!! To minimize EMI and output noise, follow these layout recommendations. PCB Layout is critical to achieve reliable, stable and efficient performance. A ground plane is required to control EMI and minimize the inductance in power, signal and return paths. The following guidelines should be followed to insure proper operation of the MIC22602 converter. IC * * * * * Place the IC close to the point of load (POL). Use fat traces to route the input and output power lines. The exposed pad (EP) on the bottom of the IC must be connected to the ground. Use several vias to connect the EP to the ground plane, layer 2. Signal and power grounds should be kept separate and connected at only one location. Place the input capacitor next. Place the input capacitors on the same side of the board and as close to the IC as possible. Place a 22F/6.3V ceramic bypass capacitor next to each of the 4 PVIN pins. Keep both the VIN and PGND connections short. Place several vias to the ground plane close to the input capacitor ground terminal, but not between the input capacitors and IC pins. Use either X7R or X5R dielectric input capacitors. Do not use Y5V or Z5U type capacitors. Do not replace the ceramic input capacitor with any other type of capacitor. Any type of capacitor can be placed in parallel with the input capacitor. If a Tantalum input capacitor is placed in parallel with the input capacitor, it must be recommended for switching regulator applications and the operating voltage must be derated by 50%. In "Hot-Plug" applications, a Tantalum or Electrolytic bypass capacitor must be used to limit the overvoltage spike seen on the input supply with power is suddenly applied. * * * Inductor * * * * Keep the inductor connection to the switch node (SW) short. Do not route any digital lines underneath or close to the inductor. Keep the switch node (SW) away from the feedback (FB) pin. To minimize noise, place a ground plane underneath the inductor. Use a wide trace to connect the output capacitor ground terminal to the input capacitor ground terminal. Phase margin will change as the output capacitor value and ESR changes. Contact the factory if the output capacitor is different from what is shown in the BOM. The feedback trace should be separate from the power trace and connected as close as possible to the output capacitor. Sensing a long high current load trace can degrade the DC load regulation. Place the Schottky diode on the same side of the board as the IC and input capacitor. The connection from the Schottky diode's Anode to the input capacitors ground terminal must be as short as possible. The diode's Cathode connection to the switch node (SW) must be keep as short as possible.
Output Capacitor
*
*
Input Capacitor * * * * *
Diode
*
* *
*
*
October 2009
19
M9999-102809-C
Micrel, Inc.
MIC22600
Schematic
October 2009
20
M9999-102809-C
Micrel, Inc.
MIC22600
Bill of Materials
Item C1, C2, C3, C4, C5 C6 C7 Part Number C2012X5R0J226M 08056D2226MAT GRM21BR60J226ME39L OPEN GRM188R71H221KA01D VJ0603Y221KXACW1BC C1608X7R1H221K Open (VJ0603Y102KQCW1BC) Open (GRM188R71H102KA01D) GRM1555C1H390JZ01D VJ0402A390KXQCW1BC C3216X5R0J476M 12066D476KAT GRM31CC80G476ME19L VJ0402A101KXQCW1BC GRM15551H101JZ01D DFLS220L-7 CDRH8D43NP-1R2NC FP3-1R0-R SPM6530T-1R0M120 CRCW06031101FKEYE3. CRCW04026980FKEYE3. CRCW06034752FKEYE3. CRCW04022002FKEYE3. OPEN OPEN MIC22600YML Manufacturer TDK(1) AVX(2) Murata(3) Murata(3) Vishay(4) TDK Vishay(4) Murata(3) Murata(3) Vishay(4) TDK(1) AVX(2) Murata Vishay(4) Murata(3) Diodes Inc(5) Sumida(6) Coiltronics(7) TDK Vishay(4) Vishay(4) Vishay(4) Vishay(4)
(1) (3) (1)
Description 22F/6.3V, 0805 Ceramic Capacitor Open, 0603 Ceramic Capacitor 220pF, 0603 Ceramic Capacitor
Qty 5 1 1
C8 C9
1nF, 0603 Ceramic Capacitor 39pF, 0402 Ceramic Capacitor
1 1
C10, C11
47F/6V, 1206 Ceramic Capacitor
2
C12 D1 L1 R1 R2 R3 R4 Rx Q1 U1
Notes:
100pF, 0402 Ceramic Capacitor 2A, 20v Schottky Diode 1H, 6A Inductor 1.1k, 0603 Resistor 698, 0402 Resistor 47.5k, 0603 Resistor 20k, 0402 Resistor Open, 0603 Resistor SOT-23 Integrated 6A Synchronous Buck Regulator
1 1 1 1 1 1 1 1 1 1
Micrel(8)
1. TDK: www.tdk.com 2. AVX: www.avx.com 3. Murata: www.murata.com 4. Vishay: www.vishay.com 5. Diodes Inc.: www.diodes.com 6. Sumida: www.sumida.com 7. Coiltronics: www.mouser.com/coiltronics 8. Micrel: www.micrel.com
October 2009
21
M9999-102809-C
Micrel, Inc.
MIC22600
PCB Layout Recommendations (YML Package)
Top Layer
Mid Layer 1
October 2009
22
M9999-102809-C
Micrel, Inc.
MIC22600
Mid Layer 2
Bottom Layer
October 2009
23
M9999-102809-C
Micrel, Inc.
MIC22600
October 2009
24
M9999-102809-C
Micrel, Inc.
MIC22600
Bill of Materials
Item C1, C2, C3, C4, C5 C6 C7 Part Number C2012X5R0J226M 08056D2226MAT GRM21BR60J226ME39L OPEN GRM188R71H221KA01D VJ0603Y221KXACW1BC C1608X7R1H221K Open (VJ0603Y102KQCW1BC) Open (GRM188R71H102KA01D) GRM1555C1H390JZ01D VJ0402A390KXQCW1BC C3216X5R0J476M 12066D476KAT GRM31CC80G476ME19L VJ0402A101KXQCW1BC GRM15551H101JZ01D DFLS220L-7 CDRH8D43NP-1R2NC FP3-1R0-R SPM6530T-1R0M120 CRCW06031101FKEYE3. CRCW04026980FKEYE3. CRCW06034752FKEYE3. CRCW04022002FKEYE3. OPEN OPEN MIC22600YTSE Manufacturer TDK(1) AVX(2) Murata(3) Murata(3) Vishay(4) TDK Vishay(4) Murata(3) Murata(3) Vishay(4) TDK(1) AVX(2) Murata Vishay(4) Murata(3) Diodes Inc(5) Sumida(6) Coiltronics(7) TDK Vishay(4) Vishay(4) Vishay(4) Vishay(4)
(1) (3) (1)
Description 22F/6.3V, 0805 Ceramic Capacitor Open, 0603 Ceramic Capacitor 220pF, 0603 Ceramic Capacitor
Qty 5 1 1
C8 C9
1nF, 0603 Ceramic Capacitor 39pF, 0402 Ceramic Capacitor
1 1
C10, C11
47F/6V, 1206 Ceramic Capacitor
2
C12 D1 L1 R1 R2 R3 R4 Rx Q1 U1
100pF, 0402 Ceramic Capacitor 2A, 20v Schottky Diode 1H, 6A Inductor 1.1k, 0603 Resistor 698, 0402 Resistor 47.5k, 0603 Resistor 20k, 0402 Resistor Open, 0603 Resistor SOT-23 Integrated 6A Synchronous Buck Regulator
1 1 1 1 1 1 1 1 1 1
Micrel(8)
October 2009
25
M9999-102809-C
Micrel, Inc.
MIC22600
PCB Layout Recommendations (YTSE Package)
Top Layer
Mid Layer 1
October 2009
26
M9999-102809-C
Micrel, Inc.
MIC22600
Mid Layer 2
Bottom Layer
October 2009
27
M9999-102809-C
Micrel, Inc.
MIC22600
Package Information
24-Pin 4mm x 4mm MLF(R) (ML)
24-pin E-Pad TSSOP
October 2009
28
M9999-102809-C
Micrel, Inc.
MIC22600
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this data sheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer. Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2007 Micrel, Incorporated.
October 2009
29
M9999-102809-C


▲Up To Search▲   

 
Price & Availability of MIC22600YML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X